Part Number Hot Search : 
MAX3264 ISP1520 N5401 2SD19 LTC35 M74ALS WP7113 ADC87H
Product Description
Full Text Search
 

To Download 0402HL-391XJR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 0402hl (1005) document 913-1 document 913-1 revised 10/04/11 inductance 2 srf typ 3 dcr max 4 irms 5 part number 1 5% (nh) (mhz) (ohms) (ma) 0402hl-271xjr_ 270 590 1.95 190 0402hl-301xjr_ 300 600 2.15 190 0402hl-331xjr_ 330 513 2.23 170 0402hl-361xjr_ 360 485 2.36 170 0402HL-391XJR_ 390 260 2.35 170 0402hl-471xjr_ 470 220 2.67 160 0402hl-511xjr_ 510 450 3.50 150 0402hl-561xjr_ 560 420 3.70 140 0402hl-601xjr_ 600 440 3.78 130 0402hl-681xjr_ 680 380 5.15 120 0402hl-741xjr_ 740 165 5.45 110 0402hl-821xjr_ 820 385 5.85 90 1. when ordering, please specify termination and packaging codes: 0402hl-821xjrw termination: r = rohs compliant matte tin over nickel over silver- platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: w = 7 machine-ready reel. eia-481 punched paper tape (2000 parts per full reel). u = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter w instead. 2. inductance measured at 25 mhz using a coilcraft smd-f test fxture and coilcraft-provided correlation pieces with an agilent/hp 4286 impedance analyzer. 3. srf measured using agilent/hp 8753d network analyzer and coilcraft smd - d test fxture. 4. dcr measured on cambridge technology micro-ohmmeter and a coilcraft ccf858 test fxture. 5. current that causes a 15c temperature rise from 25c ambient. because of their open construction, these parts will not saturate. refer to doc 362 soldering surface mount components before soldering. ? higher inductance values than other 0402 ceramic chip inductors ? 12 inductance values from 270 nh to 820 nh a max b max c max d e f g h i 0.048 0.031 0.022 0.010 0.018 0.008 0.026 0.014 0.025 inches 1,22 0,79 0,56 0,25 0,46 0,20 0,66 0,36 0,64 mm core material ceramic environmental rohs compliant, halogen free terminations rohs compliant matte tin over nickel over silver-plati - num-glass frit. other terminations available at additional cost. weight 0.7 C 1.3 mg ambient temperature C40c to +125c with i rms current, +125c to +140c with derated current storage temperature component: C40c to +140c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +25 to +150 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel. paper tape: 8 mm wide, 0.66 mm thick, 2 mm pocket spacing pcb washing only pure water or alcohol recommended
document 913-2 revised 10/04/11 document 913-2 l vs frequency typical q vs frequency irms derating chip inductors C 0402hl series -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 pe r cent of rated rms i 25c typical impedance vs frequency


▲Up To Search▲   

 
Price & Availability of 0402HL-391XJR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X